Part Number Hot Search : 
40NF10 312031 NUU205E XC4006E M3024 HMC1014 102J400 RCWE2512
Product Description
Full Text Search
 

To Download STD90GK08B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  std90gkxxb thyristor-diode modules type STD90GK08B std90gk12b std90gk14b std90gk16b std90gk18b v rrm v drm v 800 1200 1400 1600 1800 v rsm v dsm v 900 1300 1500 1700 1900 tolerance: - + 0. 5mm dimensions in mm (1mm=0.0394") symbol test conditions maximum ratings unit t vj =t vjm t c =85 o c; 180 o sine 180 90 a t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 1700 1800 1540 1640 a i tsm , i fsm t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 14450 13500 11850 11300 a 2 s i 2 dt (di/dt) cr 150 500 a/us (dv/dt) cr t vj =t vjm ; v dr =2/3v drm r gk = ; method 1 (linear voltage rise) 1000 v/us p gm t vj =t vjm t p =30us i t =i tavm t p =300us 10 5 w p gav 0.5 w i trms , i frms i tavm , i favm o c t vj t vjm t stg -40...+125 125 -40...+125 v isol 50/60hz, rms t=1min i isol <1ma t=1s 3000 3600 v~ m d mounting torque (m5) terminal connection torque (m5) _ 2.5-4.0/22-35 2.5-4.0/22-35 nm/lb.in. weight 108 g t vj =t vjm repetitive, i t =250a f=50hz, t p =200us v d =2/3v drm i g =0.45a non repetitive, i t =i tavm di g /dt=0.45a/us v rgm 10 v typ. p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
std90gkxxb thyristor-diode modules symbol test conditions characteristic values unit v v t , v f i t , i f =300a; t vj =25 o c 1.74 v to for power-loss calculations only (t vj =125 o c) 0.85 v r t 3.2 m v d =6v; t vj =25 o c t vj =-40 o c v gt 2.5 2.6 v v d =6v; t vj =25 o c t vj =-40 o c i gt 150 200 ma v gd t vj =t vjm ; v d =2/3v drm 0.2 v i gd 10 ma i h t vj =25 o c; v d =6v; r gk = 200 ma t vj =25 o c; t p =10us; v d =6v i g =0.45a; di g /dt=0.45a/us 450 ma i l per thyristor/diode; dc current per module r thjc 0.3 0.15 k/w per thyristor/diode; dc current per module r thjk 0.5 0.25 k/w d s creeping distance on surface 12.7 mm d a strike distance through air 9.6 mm a maximum allowable acceleration 50 m/s 2 i rrm , i drm t vj =t vjm ; v r =v rrm ; v d =v drm 5 ma t vj =25 o c; v d =1/2v drm i g =0.45a; di g /dt=0.45a/us t gd 2 us t vj =t vjm ; i t =150a; t p =200us; -di/dt=10a/us typ. v r =100v; dv/dt=20v/us; v d =2/3v drm t q 185 us uc q s t vj =t vjm ; i t , i f =50a; -di/dt=6a/us 170 i rm 45 a advantages * space and weight savings * simple mounting with two screws * improved temperature and power cycling * reduced protection circuits applications * dc motor control * softstart ac motor controller * light, heat and temperature control fe a tures * inte r national standard pa c kage * glass passi v ated chips * isolation v oltage 3600 v~ * ul file no.310749 * rohs compliant * copper base plate p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
1 / 2 std 90 b . 1 / 2 sdt90b . 0 0 p t a v i t a v 2 5 5 0 7 5 w a 6 0 9 0 1 2 0 s i n . 1 8 0 r e c . 1 8 0 f i g . 1 l p o w e r d i s s i p a t i o n p e r t h y r i s t o r v s . o n - s t a t e c u r r e n t 0 0 p t a v 2 5 5 0 5 0 7 5 w 1 0 0 f i g . 1 r p o w e r d i s s i p a t i o n p e r t h y r i s t o r v s . a m b i e n t t e m p t a c o 1 5 0 k / w r t h ( j - a ) 1 std90 90 b . 1 sdt b . 0 0 p v t o t i r ms 1 0 0 w a f i g . 2 l p o w e r d i s s i p a t i o n p e r m o d u l e v s . r m s c u r r e n t 0 0 5 0 w 1 0 0 f i g . 2 r p o w e r d i s s i p a t i o n p e r m o d u l e v s . c a s e t e m p t a t c c o c o 1 5 0 k / w 1 0 3 9 2 8 1 7 0 1 25 r t h ( c - a ) p v t o t 2 std90b 90 b . 2 sdt . 0 0 p v t o t 1 0 0 2 0 0 3 0 0 w a f i g . 3 l p o w e r d i s s i p a t i o n o f t w o m o d u l e s v s . d i r e c t c u r r e n t i d 0 0 1 0 0 2 0 0 5 0 3 0 0 w 1 0 0 f i g . 3 r p o w e r d i s s i p a t i o n o f t w o m o d u l e s v s . c a s e t e m p t a t c c o c o 1 5 0 k / w 1 1 4 1 0 3 9 2 8 1 7 0 1 25 p v t o t r t h ( c - a ) r l r e c. 1 5 3 0 c o n t . . 100 100 200 100 200 1 14 0 . 1 400 100 400 25 50 75 100 125 150 125 150 4 3 2 . 5 2 1 . 8 1 6 . 1 . 4 1 . 2 1 0 . 8 0 . 6 0 . 7 0.5 0.4 0.3 300 50 100 150 200 300 1 . 5 2 0 . 8 1 0 . 7 0 . 6 0 . 5 0 . 4 0 . 3 0.35 0.25 0 . 15 0 . 2 0.05 500 600 50 150 200 500 600 0 . 6 0 . 8 0 5 . 0 . 4 0 . 35 0 . 3 0 . 2 5 0.2 0 16 . 0 . 1 4 0 . 12 0. 1 0 . 0 8 0 . 0 6 0 . 0 4 std90gkxxb thyristor-diode modules p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
std90b 90 b . 3 . sdt 0 0 p v t o t p v t o t i r m s w a f i g . 4 l p o w e r d i s s i p a t i o n o f t h r e e m o d u l e s v s . d i r e c t a n d r m s c u r r e n t i d w 3 b 6 0 0 5 0 w 1 0 0 f i g . 4 r p o w e r d i s s i p a t i o n o f t h r e e m o d u l e s v s . c a s e t e m p t a t c c o c o 1 5 0 r t h ( c - a ) 3 std90b 90 b . . sdt 1 0 1 1 0 0 1 0 1 0 0 0 a / u s f i g . 5 r e c o v e r e d c h a r g e v s . c u r r e n t d e c r e a s e 1 0 0 1 / 2 1 / 2 u c t v j = 1 2 5 c o 0 0 . 0 0 1 0 . 0 1 k / w 1 0 0 f i g . 6 t r a n s i e n t t h e r m a l i m p e d a n c e v s . t i m e t z t h std90b sdt 90b . 1 / 2 1 / 2 . z t h ( j - s ) z t h ( j - c ) 0 . 1 1 1 0 s 0 . 4 std90b 90 b . . sdt 0 0 f i g . 7 o n - s t a t e c h a r a c t r i s t i c s 1 / 2 1 / 2 a i t v t 0 . 5 1 1 . 5 2 v 2 . 5 t y p . m a x . f i g . 8 s u r g e o v e r l o a d c u r r e n t v s . t i m e 1 t 1 0 1 0 0 m s 1 0 0 0 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 i t ( o v ) i t s m 2 std 90 b 90 b . sdt 1 / 2 1 / 2 . 1 v r r m . 0 . 5 v r r m . 0 v r r m . i t s m ( 2 5 c ) =1600a o i t s m ( 1 2 5 c ) = 1 4 5 0a o 250 50 100 k / w qrr -di /dt t i t m = tvj=25 c o _ _ tvj=125 c o - - 500 750 150 200 250 250 500 750 125 1 15 106 96 86 76 0 . 6 0 . 5 0 . 4 0 . 3 5 0 . 3 0 . 2 5 0 . 2 0 . 17 0 . 1 4 0 . 12 0 . 1 0 . 0 8 0 . 0 6 0 . 0 4 0 . 0 2 20a 50a 100a 200a 500a 0.1 0.2 0.3 0.5 0.6 100 200 300 400 std90gkxxb thyristor-diode modules p4 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of STD90GK08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X